|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CSM5T17 Wide Band Termination Insensitive Mixer Rev. V2 Features * * * * * LO 50 TO 4800 MHz RF 50 TO 4800 MHz IF 50 TO 3000 MHz LO DRIVE +17 dBm (NOMINAL) HIGH INTERCEPT +23 dBm (TYP.) Product Image Description The CSM5T17 is a termination insensitive mixer, designed for use in military, wireless, and test equipment applications. The design utilizes Schottky bridge quad diodes, broadband ferrite baluns and internal loads to provide excellent performance without degradation due to external VSWR mismatches. The use of high temperature solder and welded assembly processes used internally makes it ideal for use in semi-automated and automated assembly. Environmental screening available to MIL-STD-883, MILSTD-202, or MIL-DTL-28837, consult factory. Ordering Information Part Number CSM5T17 Package Surface Mount Electrical Specifications: Z0 = 50 Lo = +17 dBm (Downconverter application only) Typical Parameter Test Conditions Units +25C SSB Conversion Loss (max) & SSB Noise Figure (max) L - R Isolation (min) L - I Isolation (min) R - I Isolation (min) 1 dB Conversion Comp. Input IP3 R-Port VSWR L-Port VSWR I-Port VSWR 1 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. Guaranteed -40 to +85C 11.5 12.5 21 20 fR = 0.05 to 3.4 GHz, fL = 0.05 to 3.4 GHz, fI = 0.05 to 3.0 GHz fR = 3.4 to 4.8 GHz, fL = 3.4 to 4.8 GHz, fI = 0.05 to 3.0 GHz fL = 0.05 to 4.8 GHz fL = 0.05 to 4.8 GHz fR = 0.05 to 2.0 GHz fR = 2.0 to 4.8 GHz fL= +17 dBm fL = 0.5 to 4.8 GHz, fI = 0.05 to 3.0 GHz, fR = 0.5 to 4.8 GHz fR = 0.05 to 4.8 GHz fL = 0.05 to 4.8 GHz fI = 0.05 to 3.0 GHz dB dB dB dB dB dB dBm dBm 7.8 10.0 33 37 30 22 +14 +23 2.0:1 2.0:1 2.0:1 8.5 11.5 23 22 CSM5T17 Wide Band Termination Insensitive Mixer Rev. V2 Typical Performance Curves 2 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. CSM5T17 Wide Band Termination Insensitive Mixer Rev. V2 Outline Drawing: Surface Mount * Weight: 2 grams (0.07 oz.) max Dimensions are inches (millimeters) 0.015 (0.38) unless otherwise specified. Absolute Maximum Ratings Parameter Operating Temperature Storage Temperature Peak Input Power Peak Input Current Absolute Maximum -54C to +85C -65C to +100C +20 dBm max @ +25C +17 dBm max @ +85C 50 mA DC 3 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. |
Price & Availability of CSM5T17 |